Part Number Hot Search : 
XN04111 30301 030CT FA2361U SZ50D0 RU60E16L LT300 F9N50
Product Description
Full Text Search
 

To Download SC604A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Noise, High Efficiency www..com Regulated White LED Driver
POWER MANAGEMENT OBJECTIVE -NOVEMBER Description Features 9, 2000 is a very high efficiency charge pump white Very high efficiency over 90% of battery life The SC604A
LED driver driver from the mAhXLifeTM family of products, optimized for Li-Ion battery applications. The four (4) LED outputs are current matched for consistent LED brightness. Extremely low battery current is achieved by automatically reconfiguring the charge pump to match circuit conditions. Using four LEDs, each at 20mA for a total IOUT= 80mA, the SC604A can use less than 83mA from the supply for most of the battery life. Patented low noise mode switching circuitry and constant output current allow the use of extremely small input and output capacitors.
SC604A
Peak efficiency over 92% Current regulation for up to 4 LEDs Digital 3 bit output control logic Current matching tolerance of 3% typical Wide current range per LED [0.5mA - 30mA] High available total LED current = 4 ILED = 120mA Low Shutdown Current: 1A typical Soft start / In-rush current limiting Short circuit protection MLP-16 [4x4] Package Fixed frequency 250kHz 1x, 1.5x and 2x charge pump modes of operation
Applications
Cellular phones LED backlighting PDA power supplies Portable devices Electronic books Wireless web appliances LCD Modules
Typical Application Circuit
Patent Pending
VIN
BATTERY 1F
VOUT
1F
SC604A
EN CTRL0 CTRL1 CTRL2 GND C1+
1F
ILED1 ILED2 ILED3 ILED4 ISET C1C2+
1F
C2-
June 27, 2005 1
United States Patents: 6,504,422, 6,794,926 www.semtech.com
SC604A
POWER MANAGEMENT Absolute Maximum Ratings
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified in the Electrical Characteristics section is not implied. www..com
Parameter Sup p ly Voltage Outp ut Voltage VOUT Shor t Circuit Duration Thermal Resistance, Junction to Ambient Op erating Ambient Junction Temp erature Range Storage Temp erature Range IR Reflow Temp erature SC604AIMLTR IR Reflow Temp erature SC604AIMLTRT
Note: (1) By JESD51 standards
(1)
Symbol V IN VOUT SC J A TA TJ TSTG T LE A D T LE A D
Maximum -0.3 to +7.0 -0.3 to +7.0 Indefinite 40 -40 to +85 -40 to +150 -65 to +150 240 260
Units V V s C/W C C C C C
Electrical Characteristics
Unless specified: TA = -40C to 85C, VIN= 2.85V to 5.5V, C1 = C2 = 1.0F (ESR = 0.03). Typical values @ TA=25C, LED VF = 3.4V. This device is ESD sensitive. Use of standard ESD handling precautions is required.
Parameter Inp ut Sup p ly Voltage Current into LEDs 1, 2, 3 and 4
Symbol V IN IL E D
Conditions
Min 2.5
Typ
Ma x 6.5
Units V mA mA
RSET = 24.0k RSET = 94.0k 2.7V < VIN < 5.5V 3.1V < VIN < 5.5V 0.5 0.5
20 5.0 20 30 1500 1 5 3 3.796 2000 7
mA mA A A % % V
Quiescent Current
IQ
IOUT = 5mA Enable = 0V
ILED Accuracy Current Matching 1x mode to 1.5x mode transition voltage (VIN falling) 1.5x mode to 2x mode transition voltage (VIN falling) Oscillator Frequency Outp ut Over Voltage Protection (1)
2005 Semtech Corp.
ILED-ERR ILED-LED-ERR VTRANS1X VTRANS1.5X fOSC VOVP
0.5mA ILED 30mA 0.5mA ILED 30mA VLED = 3.6V, IOUT = 80mA, ILED = 20mA VLED = 3.6V, IOUT = 80mA, ILED = 20mA 212.5 Op en circuit at any LED that is p rogrammed to be in the On state
2
3.320 250 287.5
V kHz V
www.semtech.com
5.0
SC604A
POWER MANAGEMENT Electrical Characteristics (Cont.)
Unless specified: TA = -40C to 85C, VIN= 2.85V to 5.5V, C1 = C2 = 1.0F (ESR = 0.03). Typical values @ TA=25C, LED VF = 3.4V. www..com
Parameter Inp ut Current Limit Inp ut High Threshold Inp ut Low Threshold Inp ut High Current Inp ut Low current
Notes: (1) Guaranteed by design
Symbol IL IM IT V IH V IL I IH I IL
Conditions Shor t circuit ap p lied from VOUT to GN D Inp ut high logic threshold Inp ut low logic threshold VIH= VIN VIL= GN D
Min
Typ 220
Ma x 850
Units
mA V
1.3 0.4 10 10
V A A
2005 Semtech Corp. 3
www.semtech.com
SC604A
POWER MANAGEMENT Definitions
ILED Accuracy The LED current is determined by the RSET resistor (ILED vs. RSET data is found on pages 9 and 10). This term does not include the tolerance of the resistor RSET. If maximum accuracy is required, a precision resistor is needed. To calculate the error ILED-ERR[%], use the formula ILED-ERR [%] = Input Current The total input current of the SC604A is a function of the sum of the LED currents, the charge pump mode and the quiescent current. The quiescent current trend is charted on page 12 and used to calculate IIN in the following examples. IIN = IOUT Mode + IQ =
100 %
www..com
(I LED ) MEASURED
I LED
- I LED
(ILED1+ILED2+ILED3+ILED4 ) Mode + IQ Example 1: Mode = 1x, IQ = 2.4mA, ILED1+ILED2+ILED3+ILED4 = 4 15mA = 60mA Answer 1: IIN = IOUT 62.4mA Example 2: Mode = 1.5x, IQ = 2.4mA, ILED1+ILED2+ILED3+ILED4 = 4 15mA = 60mA Mode + IQ = 60mA 1 + 2.4mA =
Current Matching Current Matching refers to the difference in current from one LED to the next. The I between any two LEDs will meet this requirement. To calculate the error ILED-LED-ERR , first identify the highest and lowest value of the 4 LED currents, and use the formula: ILED-LED-ERR [%] =
IMAX IMAX + IMIN
2 -1 100%
or
IMIN IMAX + IMIN
2
-1
100%
which reduces to
IMAX IMIN IMAX + IMIN
100%
Answer 2: IIN = IOUT Mode + IQ = 60mA 1.5 + 2.4mA =
1x Mode, 1.5x Mode and 2x Mode 1x Mode, 1.5x Mode and 2x Mode all refer to the charge pump configuration. These modes boost the battery input voltage and ensure there is enough voltage at VOUT so that the regulated current will flow through the LEDs and return via the ILED pins.
92.4mA Mode Transition Voltage Mode transition voltage refers to the input voltage at the point just before the charge pump changes from a weaker mode to a stronger mode. V TRANS1X is the transition from 1x to 1.5x mode, and VTRANS1.5X is the transition from 1.5x to 2x mode. Equations for VTRANS1X and VTRANS1.5X are given on page 7.
2005 Semtech Corp. 4
www.semtech.com
SC604A
POWER MANAGEMENT Pin Configuration
TOP VIEW
ILED1 ILED2 ILED3 ILED4
16 15 14 13 12 11 10 T 5 6 7 8 9
www..com
Ordering Information
DEVICE SC604AIMLTR
GND C2+ C2C1-
PACKAGE(1) MLP-16 MLP-16 Evaluation Board
EN CTRL0 CTRL1 CTRL2
1 2 3 4
SC604AIMLTRT(2) SC604EVB
TOP VIEW
Notes: (1) Available in tape and reel only. A reel contains 3000 devices. (2) Available in lead-free package only. This product is fully WEEE and RoHS compliant.
ISET
VOUT VIN
C1+
MLPQ16: 4X4 16 LEAD
Pin Descriptions
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 T Pin Name EN CTRL0 CTRL1 CTRL2 ISET VOUT V IN C1+ C1C2C2+ GN D ILED4 ILED3 ILED2 ILED1 Pin Function Active high enable Outp ut control bit 0 (see Table 1 on p age 6) Outp ut control bit 1 (see Table 1 on p age 6) Outp ut control bit 2 (see Table 1 on p age 6) LED current is set by the value of the resistor RSET connected from the ISET p in to ground. Do not shor t the ISET p in. VISET is typ ically 1.22V Voltage outp ut source for connection to the LED anodes Voltage inp ut Positive terminal of bucket cap acitor 1 N egative terminal of bucket cap acitor 1 N egative terminal of bucket cap acitor 2 Positive terminal of bucket cap acitor 2 Ground Current sink for LED 4 [lf not in use, p in must be left op en](1) Current sink for LED 3 [lf not in use, p in may be left op en, grounded, or connected to VIN](1) Current sink for LED 2 [lf not in use, p in may be left op en, grounded, or connected to VIN](1) Current sink for LED 1 [lf not in use, p in may be left op en, grounded, or connected to VIN](1)
Thermal Pad Pad for heatsinking p urp oses. Connect to ground p lane using multip le vias. N ot connected Internally
www.semtech.com 5
Note: (1) The CTRL word must match the outputs in use.
2005 Semtech Corp.
SC604A
POWER MANAGEMENT Block Diagram
C1+ 8 C19 C210 C2+ 11 ILED4 13 ILED3 14 ILED2 15 ILED1 16
www..com
VOUT
6
Current Brightness Control mAhXLifeTM Fractional Charge Pump [1x, 1.5x, 2x] Current Sense FETs and Amplifier(s)
12 GND
VIN
7
Current Set Detect 250kHz Oscillator & Delay Clk Mode Select [1x, 1.5x, 2x Startup, Shutdown] Ouput Selection Logic
5
ISET
1.22V Bandgap Voltage
EN
1
Schmitt Buffer
Schmitt Buffer Schmitt Buffer Schmitt Buffer
2
CTRL0
3
CTRL1
4
CTRL2
Table 1 - LED Enable Logic
Control Inputs CTR L2 0 0 0 0 1 1 1 1 CTR L1 0 0 1 1 0 0 1 1
(1)
Output Status CTR L0 0 1 0 1 0 1 0 1 LED4 OFF OFF OFF ON OFF OFF ON OFF LED3 OFF OFF ON OFF OFF ON ON OFF LED2 OFF ON OFF OFF ON ON ON OFF LED1 ON OFF OFF OFF ON ON ON OFF
Notes: (1) The sequencing of Enable and logic state CTRL{2,1,0} = [1, 1, 1] will affect quiescent state current. IQ = 100A if Enable transitions high before CTRL{2,1,0} transitions to [1, 1, 1]. IQ = 400A if Enable transitions high after CTRL{2,1,0} transitions to [1, 1, 1]. If Enable = high and CTRL{2,1,0}= [1, 1, 1] is to be used for an extended period of time, it is recommended that Enable = High when change to the [1, 1, 1] state to achieve the lower IQ level.
2005 Semtech Corp. 6
www.semtech.com
SC604A
POWER MANAGEMENT Applications Information
Detailed Description The SC604A contains a fractional charge pump, mode selection circuit, output selection logic, current setting detection circuit, and four current sense circuits. All are depicted in the block diagram on page 6. The fractional charge pump multiplies the input voltage a multiple of 1, 1.5 or 2 times the input voltage. The charge pump switches at a fixed 250kHz whenever the mode is 1.5x or 2x. The charge pump does not switch during 1x mode, saving power and improving efficiency. The mode selection circuit automatically selects the mode as 1x, 1.5x or 2x based on circuit conditions such as LED voltage, input voltage and load current. 1x is the most efficient mode, followed by 1.5x and 2x modes. At lower voltages a stronger mode may be needed to maintain regulation, if so, the mode will change first to 1.5x and then to 2x. 2x mode usually operates for a much shorter run time compared to 1x mode, and 2x mode maintains the output until the battery is discharged to 2.85V or less. The LED requiring the highest voltage drop will determine the output voltage needed to drive all outputs with adequate bias. Comparing all cathodes and regulating VOUT for the LED with the lowest cathode voltage ensures sufficient bias for all LEDs. Output selection logic enables control over the LED outputs for on and off functions with eight (8) different output states. The states are defined in Table 1 on page 6. The current set and detection circuit uses an external resistor and a 1.22V reference to program the LED current. Four (4) current regulating circuits sink matched currents from the LEDs. LEDs with matched forward voltage will produce the best possible matched currents. For best matching performance it is recommended that the Vf between LEDs be under 250mV. (For more information on Vf considerations refer to Semtech application notes).
www..com
Designing for Lowest Possible Battery Current The SC604A efficiency and battery current are shown in the plots that follow on page 8. For this example, 4 LEDs are matched at 15mA each. The battery current remains low at 63mA well into the Li-Ion battery range as indicated in the plot by a boundary box. The SC604A uses 1x mode (IIN=IOUT+IQ) for part of the input voltage range, conserving significant energy from the battery. A similar four (4) output device uses only 1.5x mode (IIN= IOUT 1.5+IQ) over the input voltage range. This means that the SC604A will have about 25% higher efficiency than a 1.5x only charge pump. Where the competition drops off at 3V, the SC604A uses 2x mode to extend the operating range down to a battery voltage of only 2.85V. The input voltages at which the mode transitions occur are dependent on the forward voltage VF of the LED used and the LED current ILED. To keep the battery current low and in the 1x mode for as long as possible, it is best to choose an LED with a lower VF. The mode transition voltages VTRANS1X and VTRANS1.5X can be estimated by the following equations: VTRANS1X = VF + VILED + [(# of LEDs used) ILED 1.2] VTRANS1.5X = VF + VILED + [(# of LEDs used) ILED 16] 1.5 where, VF is the forward LED voltage measured from anode to cathode, VILED is the voltage at the ILED pin, typically VILED = 100mV, ILED is the LED current. Power efficiency can now be estimated for comparison with the intended battery voltage range. Efficiency [%] =
VOUT IOUT 100% VIN (IOUT Mode + IQ (
2005 Semtech Corp. 7
www.semtech.com
SC604A
POWER MANAGEMENT
www..com
110
Battery Current Comparison for 4 LEDs at 15mA Each with LED = 3.5V
100 Competition 1.5x mode
Battery Current [mA]
90
Semtech 1.5x mode
80
70 Semtech 1x mode 60
50 4.2 4.1 4.0 3.9
90% of Li-Ion battery life 3.8
VIN [V]
3.7
3.6
3.5
3.4
3.3
3.2
100
Efficiency Comparison for 4 LEDs with 15mA Each and LED = 3.5V
Semtech 1x mode
90
80
Efficiency [%]
70
Semtech 1.5x mode
60
Competition 1.5x mode
50
40 4.2 4.1 4.0 3.9
90% of Li-Ion battery life 3.8 3.7 3.6 3.5 3.4 3.3 3.2
VIN [V]
2005 Semtech Corp. 8
www.semtech.com
SC604A
POWER MANAGEMENT Methods for Setting LED Current
There are four methods for setting and adjusting the LED current outlined here. The methods are: 1) RSET only 2) Analog Reference VADJ 3) NMOS switched parallel resistors 4) PWM Input Method 1. The most basic means of setting the LED current is with a resistor connected from ISET to GND, as shown in the application circuit on Page 1. The resistor RSET establishes the reference current needed for a constant LED current. Values of RSET for a fixed LED current are given in Table 2 and also in the below graph, "Typical RSET Resistance vs. LED Current". Methods 2 and 3 on page 10 are for setting the LED current allow for brightness control. Table 2 - Resistor Value Selection
www..com
RSET Value ILED[mA] 0.5 1 2 3 5 10 15 20 30 [k RSET[k] 931 471 237 155 94.0 47.5 31.83 24.0 16.5 N earest k Standard Value 931 470 237 154 93.1 47.5 31.6 24.0 16.5 Standard Value % Difference 0.0% -0.2% 0.0% -0.6% -1.0% 0.0% -0.7% 0.0% 0.0%
Typical R SET Resistance vs. LED Current 1000 950 900 850 800 750 700 RSET Resistance [k] 650 600 550 500 450 400 350 300 250 200 150 100 50 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 LED Current [mA]
9
6.5
7
7.5
8
8.5
9
9.5
10
2005 Semtech Corp.
www.semtech.com
SC604A
POWER MANAGEMENT Methods for Setting LED Current (Cont.)
Method 2. The example circuit in Figure 1 uses a 16.5k resistor and an analog input DC voltage, VADJ , which varies from 1.2V to 0V to control LED current from 1mA to 30mA. Table 3 shows the resulting output. If necessary, the analog VADJ voltage can be sourced from a voltage higher than 1.2V, but the source must be divided down so that the VADJ mode will not exceed 1.2V. For lower current applications and for higher resolution, a larger resistor may be substituted in this circuit. PWM applications are also possible with this circuit by application of RC filtering. (Consult with Semtech for detailed application support). Figure 1 - Analog Voltage for LED Current Control
www..com
Method 3. The circuit in Figure 2 uses open drain NMOS transistors to set an equivalent resistance for RSET. Parallel combinations are switched on and off for R1, R2 and R3. R4 is always connected, so that a minimum value of LED current can be maintained at 1.5mA.
Figure 2 - 3 Bit LED Current Control with Open Drain
Table 3 - Analog Voltage for LED Current Control
VADJ [V] 0.000 0.100 0.200 0.300 0.400 0.500 ILED [mA] 30.2 27.7 25.1 22.5 20.0 17.3 VADJ [V] 0.600 0.700 0.800 0.900 1.000 1.150 ILED [mA] 14.8 12.3 9.7 7.1 2.1 1.0
2005 Semtech Corp. 10
www.semtech.com
SC604A
POWER MANAGEMENT Methods for Setting LED Current (Cont.)
Method 4. LED current may also be controlled by applying a PWM signal to any of the CTRL2, CTRL1 and CTRL0 inputs. The circuit in Figure 3 turns 4 LEDs on and off by applying a PWM signal to the CTRL0 input. This circuit uses resistor RSET to set the on state current and the average LED current is then proportional to the percentage of on-time when the CTRL0 pin is a logic low. Average LED current is approximately equal to: IAVG = (tON ILED_ON)/(tON + tOFF) The recommended PWM frequency is between 100Hz and 500Hz. Due to start up delay and ramp up time, frequency >500Hz will result in error in the average value of ILED. Frequency <100Hz can naturally cause the LEDs to blink visibly. In PWM applications where ILED4 is not used, keep ILED4 pin 13 open. Connecting ILED4 to ground can result in the charge pump operating in open loop mode. Connecting ILED4 to VIN will work but will cause shutdown current IQ to increase to approximately VIN / 100k.
www..com
Figure 3 - PWM Example Circuit
Table 4 - Summary of LED Current Control
LED Current Control Method Method 1 Method 2 Method 3 Method 4 RSET Only Analog Reference VADJ NMOS Switched Parallel Resistors PWM CTRLx Input(s)
Figure of Reference Circuit on Page 1 Figure 1 on Page 10 Figure 2 on Page 10 Figure 3 on page 11
LED Current Range 0.5mA < ILED < 30mA 0.5mA < ILED < 30mA 0.5mA < ILED < 30mA 0.5mA < ILED < 30mA
Brightness Control Fixed Brightness In f i n i t e 2N Stepped Current Levels(1) In f i n i t e
Note: 1) "N" is the number of NMOS transistors used for brightness control.
2005 Semtech Corp. 11
www.semtech.com
SC604A
POWER MANAGEMENT Typical Characteristics
Startup with 4 LEDs at 20 mA
www..com
OVP Event with LED Open Circuit
Efficiency vs. Load at High Battery
100 VIN = 3.8V 90 VIN = 4.0V VIN = 4.2V 80
Efficiency vs. Load at Low Battery
100 VIN = 3.4V 90 VIN = 3.6V
Efficiency [%]
Efficiency [%]
80
VIN = 2.8V
70
70
60
60
50 0 20 40 60 80 100 120
50
Total Load Current [mA]
0
20
Total Load Current [mA]
40
60
80
100
120
Mode Transition Voltage vs. LED Voltage
3.9 3.8 3.7 3.6 Vf = 3.4V 3.5 3.4 Vf = 3.2V 3.3 3.2 0 5 10 15 20 25 30 35 1X to 1.5X Mode for 4 LEDs Vf = 3.6V
Quiescent Current Trend
5
Quiescent Current [mA]
4
Input Voltage [V]
3
Trend for 4 LEDs
2
1
0 0 20 40 60 80 100 120
LED Current [mA]
Total Output Current [mA]
2005 Semtech Corp. 12
www.semtech.com
SC604A
POWER MANAGEMENT Typical Characteristics with 4 LEDs
Battery Current for 4 LEDs at 20mA
140 LED = 3.45V 100 LED = 3.45V 90
www..com
Efficiency for 4 LEDs at 20mA
Battery Current [mA]
120
Efficiency [%]
4.2 4.0 3.8 3.6 3.4 3.2
100
80
80
70
60
60
40
50
Input Voltage [V]
4.2
4
Input Voltage [V]
3.8
3.6
3.4
3.2
Battery Current for 4 LEDs at 10mA
80
100
Efficiency for 4 LEDs at 10mA
LED = 3.37V
70
Battery Current [mA]
LED = 3.37V 60
90
Efficiency [%]
4.2 4 3.8 3.6 3.4 3.2
80
50
70
40
60
30
50
Input Voltage [V]
4.2
4
3.8
3.6
3.4
3.2
Input Voltage [V]
Battery Current for 4 LEDs at 0.5mA
4 70
Efficiency for 4 LEDs at 0.5mA
LED = 2.91V
Battery Current [mA]
3.5
60
Efficiency [%]
LED = 2.91V 3
50
2.5
40
2
30
1.5 4.2 4
20
Input Voltage [V]
3.8
3.6
3.4
3.2
4.2
4
Input Voltage [V]
3.8
3.6
3.4
3.2
2005 Semtech Corp. 13
www.semtech.com
SC604A
POWER MANAGEMENT Typical Characteristics with 4 LEDs
Ripple in 1x Mode for 4 LEDs at 20mA Each
www..com
Ripple in 1.5x Mode for 4 LEDs at 20mA Each
Ripple in 2x Mode for 4 LEDs at 20mA Each
2005 Semtech Corp. 14
www.semtech.com
NEG
POS 1M POT_3296W-105 VBAT Input Resistance By pass 1 2 JP5 RIN 1 2 C4 1.0uF 1 2 C1+ 1 1 C16 8 7 5 1.0uF 1 C1+ VIN VOUT ISET 1 C2C19 C1C2SC604 C2+ GND ILED4 ILED3 ILED2 ILED1 EN 1 ENABLE 1 2 3 OFF CTRL0 2 JP6 ON ENABLE CTRL1 3 CRTL2 4 1 C2+ 1.0uF C2+ 11 12 1 BATTERY GND 1 C2 2 C2- 10 1 C3 1.0uF C1 2 C1+ 2 VOUT HIGH LOW 3 0.22 1 2 CTRL2 CTRL1 HIGH 1 2 LOW 3
1
1 2 JP7 Connect RSET pot.
1
2
2
1
2
BATTERY -
GND
1
1
C6 10uF
CNTRL2 CNTRL1 CNTRL0
13
14
15
LED4 1 1 1 1 2 2 2 D4 D3 D2 2 D1 LED3 LED2 LED1
1
1
1
1 R4 1ohm 2 2 1 R31 1 R2R3 1ohm R2 1ohm
1
1
1
2
1
2
R4-
R1-
R1 1ohm
1 1
R4+
R3+
R2+
R1+
16
VOUT 1
2
2
2
2
2
2
2
J4 1 1
JP4
J3 1
JP3 1
J2 1
JP2 1
J1 1
JP1 1
2
3
2005 Semtech Corp.
Analog Control VADJ 1 16.5k RSET 1 TBD 3 2 1 2 RSET RADJ
POWER MANAGEMENT Evaluation Board Schematic
Input Jacks J5
BATTERY +
VBAT 1
VBAT
CTRL0 HIGH LOW
2
15
www..com
SC604A
www.semtech.com
SC604A
POWER MANAGEMENT Evaluation Board Bill of Materials
Reference U1 C1,C2,C3,C4 C6 D1,D2,D3,D4 J1, J2, J3, J4 JP1,JP2,JP3,JP4 JP5 JP6 JP7 CTRL0,CTRL1,CTRL2 RSET R4 RADJ J5 Value SC604A 1.OF 10F 3296W-105 0.22 16.5k Comment Component references in bold are the only essential design components. Bucket, input and output capacitors. Ceramic, low ESR type, 6.3V rating or higher. This extra capacitor supports usage of long power leads from benchtop supply. Add LEDs to meet the requirements of the application. Jumpers in series with each LED. Jumpers to bypass each 1 sense resistor and bypass J1, J2, J3 and J4. Jumper for bypassing the R4 input resistor. Enable jumper. Connects RSET potentiometer. Remove this jumper when using a fixed value R1. Jumpers provide High/Low settings for the control bits. RSET resistor Evaluation board has 1M potentiometer in place of R1. Series input resistor for studying effects of input resistance. Resistor for analog brightness control. Apply test signal of 0 to 1.2V at VADJ test point. Banana jacks for power supply.
www..com
Evaluation Board Gerber Plots
Top View Bottom View
2005 Semtech Corp.
16
www.semtech.com
SC604A
POWER MANAGEMENT Outline Drawing- MLP-16 [4x4]
www..com
A
D
DIMENSIONS INCHES MILLIMETERS DIM MIN NOM MAX MIN NOM MAX
B
A A1 A2 b D D1 E E1 e L N aaa bbb .031 .040 .000 .002 (.008) .010 .012 .014 .153 .157 .161 .074 .085 .089 .153 .157 .161 .074 .085 .089 .026 BSC .018 .022 .026 16 .003 .004 0.80 1.00 0.00 0.05 (0.20) 0.25 0.30 0.35 3.90 4.00 4.10 1.90 2.15 2.25 3.90 4.00 4.10 1.90 2.15 2.25 0.65 BSC 0.45 0.55 0.65 16 0.08 0.10
PIN 1 INDICATOR (LASER MARK)
E
A2 A aaa C A1 D1 e/2 N LxN
E/2
C
SEATING PLANE
E1
2 1
e D/2
NOTES: 1. 2.
bxN bbb
CAB
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES). COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS.
Marking Information
604A yyww
yyww = Datecode (Example: 0452)
2005 Semtech Corp. 17
www.semtech.com
SC604A
POWER MANAGEMENT Land Pattern MLP-16pin [4x4]
www..com
K
DIM
2x (C) H 2x G 2x Z C G H K P X Y Z
DIMENSIONS INCHES MILLIMETERS
(.148) .106 .091 .091 .026 .016 .041 .189 (3.75) 2.70 2.30 2.30 0.65 0.40 1.05 4.80
Y X P
NOTES: 1.
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY. CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR COMPANY'S MANUFACTURING GUIDELINES ARE MET.
Contact Information
Semtech Corporation Power Management Products Division 200 Flynn Road, Camarillo, CA 93012 Phone: (805) 498-2111 FAX (805)498-3804 Visit us at: www.semtech.com
2005 Semtech Corp. 18 www.semtech.com


▲Up To Search▲   

 
Price & Availability of SC604A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X